Part Number Hot Search : 
SA1943 B2012 02201 BRB10 C74LVX 0150CT CPC1706Y B176H
Product Description
Full Text Search
 

To Download 2SK3116 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
MOS Field Effect Transistor 2SK3116
TO-263
+0.1 1.27-0.1
MOSFET
Unit: mm
+0.1 1.27-0.1 +0.2 4.57-0.2
Features
Low gate charge QG = 26 nC TYP. (ID = 7.5 A, VDD = 450 V, VGS = 10 V)
Low on-state resistance RDS(on) = 1.2 MAX. (VGS = 10 V, ID = 3.75 A)
+0.2 5.28-0.2
+0.1 1.27-0.1
0.1max
+0.1 0.81-0.1
Avalanche capability ratings
2.54 5.08
+0.1 -0.1
+0.2 2.54-0.2
+0.2 15.25-0.2
Gate voltage rating
30 V
+0.2 8.7-0.2
+0.2 2.54-0.2
+0.2 0.4-0.2
Absolute Maximum Ratings Ta = 25
Parameter Drain to source voltage Gate to source voltage Drain current Power dissipation TA=25 TC=25 Channel temperature Storage temperature * PW 10 s,Duty Cycle 1% Tch Tstg Symbol VDSS VGSS ID Idp * PD Rating 600 30 7.5 30 1.5 70 150 -55 to +150 Unit V V A A W
Electrical Characteristics Ta = 25
Parameter Drain cut-off current Gate leakage current Gate to source cut off voltage Forward transfer admittance Drain to source on-state resistance Input capacitance Output capacitance Reverse transfer capacitance Turn-on delay time Rise time Turn-off delay time Fall time Symbol IDSS IGSS VGS(off) Yfs RDS(on) Ciss Coss Crss ton tr toff tf ID=3.75A,VGS(on)=10V,VDD=150V,RG=1 0 ,RL=50 VDS=10V,VGS=0,f=1MHZ Testconditons VDS=600V,VGS=0 VGS= 30V,VDS=0 VDS=10V,ID=1mA VDS=10V,ID=3.75A VGS=10V,ID=3.75A 2.5 2.0 0.9 1100 200 20 18 15 50 15 1.2 pF pF pF ns ns ns ns Min Typ Max 100 100 3.5 Unit A A V S
5.60
1 Gate 2 Drain 3 Source
www.kexin.com.cn
1


▲Up To Search▲   

 
Price & Availability of 2SK3116

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X